Part Number Hot Search : 
EL4093C KBPC8 TSOP2230 MAB03048 OPB704 LA4182 1103E SLG55031
Product Description
Full Text Search
 

To Download 2SD2391 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 3 jiangsu changjiang electronics technology co., ltd sot-89 -3l plastic-encapsulate transistors 2SD2391 transistor (npn) features low v ce(sat) marking: dt maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =50 a,i e =0 60 v collector-emitter breakdown voltage v (br)ceo i c =1ma,i b =0 60 v emitter-base breakdown voltage v (br)ebo i e =50 a,i c =0 6 v collector cut-off current i cbo v cb =50v,i e =0 0.1 a emitter cut-off current i ebo v eb =5v,i c =0 0.1 a h fe(1) v ce =2v,i c =0.5a 120 270 dc current gain h fe(2) v ce =2v,i c =1.5a 45 collector-emitter saturation voltage v ce(sat) i c =1a,i b =50ma 0.35 v transition frequency f t v ce =2v,i c =0.5a, f=100mhz 210 mhz output capacitance c ob v cb =10v,i e =0, f=1mhz 21 pf symbol parameter value unit v cbo collector-base voltage 60 v v ceo collector-emitter voltage 60 v v ebo emitter-base voltage 6 v i c collector current -continuous 2 a p c collector power dissipation 0.5 w t j junction temperature 150 t stg storage temperature -55-150 sot-89 -3l 1.base 2.collector 3.emitter www.cj-elec.com 1 c , nov ,2015
min m a x min m a x a 1.400 1.600 0.055 0.063 b 0.320 0.520 0.013 0.020 b1 0.400 0.580 0.016 0.023 c 0.350 0.440 0.014 0.017 d 4.400 4.600 0.173 0.181 d1 e 2.300 2.600 0.091 0.102 e1 3.940 4.250 0.155 0.167 e e1 l 0.900 1.200 0.035 0.047 symbol dimensions in millimeters dimensions in inches 1.550 ref. 0.061 ref. 1.500 typ. 0.060 typ. 3.000 typ. 0.118 typ. 62 7  / 3dfndjh2xwolqh'lphqvlrqv 62 7  / 6xjjhvwhg3dg/d\rxw  www.cj-elec.com 2 c , nov ,2015
62 7  / 7dshdqg5hho www.cj-elec.com 3 c , nov ,2015


▲Up To Search▲   

 
Price & Availability of 2SD2391

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X